Part Number Hot Search : 
325HS C4054 AP3201A N120B 18F67 LA383X BAV199 NTC10D11
Product Description
Full Text Search
 

To Download IN5817 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTKY BARRIER RECTIFIER 1N5817 THRU 1N5819
VOLTAGE RANGE CURRENT 20 to 40 Volts 1.0 Ampere
FEATURES Fast switching. Low forward voltage, high current capability. Low power loss, high efficiency. High current surge capability. High temperature soldering guaranteed: 250/10 seconds, 0.375" (9.5mm) lead length at 5 lbs. (2.3kg) tension. MECHANICAL DATA Case: Transfer molded plastic Epoxy: UL94V - 0 rate flame retardant. Polarity: Color band denoted cathode end. Lead: Plastic axial lead, solderable per MIL - STD - 202E method 208C Mounting position : Any Weight: 0.012 ounce, 0.33 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20% SYMBOLS VRRM VRMS VDC I(AV) 1N5817 1N5818





(-55 to +125) 1N5819 UNIT Volts Volts Volts Amp
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375" (9.5mm) Lead length at TL = 90 Peak Forward Surge Current 8.3ms single half sine - wave superimposed on rated load (JEDEC method ) Maximum Instantaneous Forward 1.0A Voltage (Note 1) at 3.0A TA = 25 Maximum DC Reverse Current at rated DC blocking voltage (Note 1) TA Typical Junction Capacitance (Note 2 ) Typical Thermal Resistance (Note 3) Operating and Storage Temperature Range NOTES:
1. Pulse test: 300 s pulse width, 1% duty cycle. 2. Measured at 1MHz and applied reverse voltage of 4.0 volts.
IFSM VF IR Cj R TJ, TSTG
Amps
Volts mA pF /W
3. Thermal resistance from junction to ambient P.C.B. mounted with 0.375" (9.5mm) lead length with 1.5" x 1.5" (38 X 38mm) copper pads.
Web Site: WWW.PS-PFS.COM
RATINGS AND CHARACTERISTIC CURVES IN5817 THRU IN5819
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
35 1.2
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD CURRENT,
PEAK FORWARD SURGE
30
1.0
8.3ms Single Half Sine-Wave Tj (JEDEC Method) =T
j max
CURRENT, (A)
0.8
(A)
20
0.6
Single Phase Half Wave 60Hz Load
0.4
Inductive or Resistive 0.375"(9.5mm) Lead Length
10
0.2
1 Cycle
0 0 20 40 60 80 90 100 120 125 140
0 1 2 4 6 8 10 20 40 60 100
LEAD TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz FIG.4-TYPICAL REVERSE
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10 20 10
CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT,
T j =125 c
1.0
1.0
Tj =125 c
Pluse Width=300us Duty Cycle 1%
(mA)
(A)
0.1
Tj =25 c
T j =75 c
0.1
0.01
T j =25 c
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.001 0 60 100 120 140
INSTANTANEOUS FORWARD VOLT AGE,(V)
20
40
80
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) FIG.5-TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE,(pF)
100
Tj =25 C f=1MHz V sig =50mV
10 0.1 1.0 10 100
REVERSE VOLTAGE
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of IN5817

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X